PART |
Description |
Maker |
MSH-0505D MSH-0509D MSH-0512D MSH-0515D MSBH-0505 |
2 WATT DC//DC CONVERTER, SIIP PACKAGE
|
Volgen Kaga Electronics Inc.
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
IMX15 40IMX15-24-24-9 110IMY15-03-9RG 110IMY15-050 |
15 Watt, input voltage range:50-150V output voltage 5V (3500mA) DC/DC converter 15WattDC-DCConverters 15 Watt DC-DC Converters 1-OUTPUT 14.9 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
MSKW12D5W5 MSKW48D5W5 MSKW12S12W5 MSKW12D12W5 MSKW |
5 Watt DC/DC Converter
|
Wall Industries,Inc.
|
AM1D0505SNZ AM1D1205SNZ AM1D0515SNZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM3N-0503DH52-RZ AM3N-1224D-RZ AM3N-2412DH30-RZ AM |
3 Watt | DC-DC Converter
|
AIMTEC
|
AMEL5-15SMAZ AMEL5-3.3SMAZ AMEL5-12DEMAZ AMEL5-12S |
5 Watt | AC-DC / DC-DC Converter
|
AIMTEC
|
AM1DS-0505D-NZ AM1DS-0505SH30-NZ AM1DS-0512SH30-NZ |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM2LP-NZ13 |
2 Watt | DC-DC Converter
|
AIMTEC
|
AM3T-4805S-VZ AM3T-2424S-VZ AM3T-0518D-VZ AM3T-051 |
3 Watt | DC-DC Converter
|
AIMTEC
|